Part Number Hot Search : 
ORT9303B TA820 FD111 622XMS EC1SC16 134144 Z2SMB39 114EK
Product Description
Full Text Search
 

To Download R46KR21000002K Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ? kemet electronics corporation ? p.o. box 5928 ? greenville, sc 29606 (864) 963-6300 ? www.kemet.com f3 093_r46_x2_275_110c ? 6/9/2016 1 benefts ? a pprovals: enec, ul, cul, cqc ? c lass x2 (iec 60384-14) ? r ated voltage: 275 vac 50/60 hz ? ca pacitance range: 0.01 C 10 f ? l ead spacing: 10.0 C 37.5 mm ? ca pacitance tolerance: 20%, 10% ? c limatic category: 40/110/56, iec 60068C1 ? t ape and reel in accordance with iec 60286C2 ? r ohs compliant and lead-free terminations ? operating temperature range of ?40?c to +110?c ? 1 00% screening factory test at 2,200 vdc/1,500 vac ? s elf-healing properties overview the r46 series is constructed of metallized polypropylene flm encapsulated with self-extinguishing resin in a box of material meeting the requirements of ul 94 vC0. applications for worldwide use in electromagnetic interference (emi) suppression in across-the-line applications requiring x2 safety classifcation. intended for use in situations where capacitor failure would not result in exposure to electric shock. not for use in "series with mains" type applications. metallized polypropylene film emi suppression capacitors r46 series, class x2, 275 vac, 110oc part number system r46 k i 2100 00 01 m series rated voltage (vac) lead spacing (mm) capacitance code (pf) packaging internal use capacitance tolerance x2, metallized polypropylene k = 275 f = 10.0 i = 15.0 n = 22.5 r = 27.5 w = 37.5 the last three digits represent si gnifcant f gures. the frst d igit specifes n umber of zeros to be added. see ordering options table 01 02 l2 m1 m2 n0 n1 n2 k = 10% m = 20% one world. one kemet
? kemet electronics corporation ? p.o. box 5928 ? greenville, sc 29606 (864) 963-6300 ? www.kemet.com f3 093_r46_x2_275_110c ? 6/9/2016 2 ordering options table lead spacing nominal (mm) type of leads and packaging lead length (mm) lead and packaging code 10, 15, 22.5 standard lead and packaging options bulk (bag) C short leads 4 +2/-0 00 ammo pack h 0 = 18.5 +/-0.5 dq 2wkhu/hdgdqg3dfndjlqj2swlrqv tape & reel (large reel) h 0 = 18.5 +/-0.5 ck b ulk (bag) C short leads 2.7 +0.5/-0 ja bulk (bag) C short leads 3.5 +0.5/-0 jb bulk (bag) C short leads 4.0 +0.5/-0 je bulk (bag) C short leads 3.2 +0.3/-0.2 jh bulk (bag) C long leads 18 +1/-1 jm bulk (bag) C long leads 30 +5/-0 40 bulk (bag) C long leads 25 +2/-1 50 bulk (bag) C insulated rigid leads 30 +5/-0 (sp 8+2/-2) 51 bulk (bag) C insulated flexible leads 150 + 5/-5 ( sp 8 +2/-2) 52 27.5 standard lead and packaging options bulk (bag) C short leads 4 +2/-0 00 tape & reel (large reel) h 0 = 18.5 +/-0.5 ck 2wkhu/hdgdqg3dfndjlqj2swlrqv bulk (bag) C short leads 2.7 +0.5/-0 ja bulk (bag) C short leads 3.5 +0.5/-0 jb bulk (bag) C short leads 4.0 +0.5/-0 je bulk (bag) C short leads 3.2 +0.3/-0.2 jh bulk (bag) C long leads 18 +1/-1 jm bulk (bag) C long leads 30 +5/-0 40 bulk (bag) C long leads 25 +2/-1 50 bulk (bag) C insulated rigid leads 30 +5/-0 (sp 8+2/-2) 51 bulk (bag) C insulated flexible leads 150 +5/-5 (sp 8+2/-2) 52 6wdqgdug/hdgdqg3dfndjlqj2swlrqv bulk (bag) C short leads 4 +2/-0 00 2wkhu/hdgdqg3dfndjlqj2swlrqv bulk (bag) C short leads 2.7 +0.5/-0 ja bulk (bag) C short leads 3.5 +0.5/-0 jb bulk (bag) C short leads 4.0 +0.5/-0 je bulk (bag) C short leads 3.2 +0.3/-0.2 jh bulk (bag) C long leads 18 +1/-1 jm bulk (bag) C long leads 30 +5/-0 40 bulk (bag) C long leads 25 +2/-1 50 bulk (bag) C insulated rigid leads 30 +5/-0 (sp 8+2/-2) 51 bulk (bag) C insulated flexible leads 150 +5/-5 (sp 8+2/-2) 52 metallized polypropylene film emi suppression capacitors r46 series, class x2, 275 vac, 110oc
? kemet electronics corporation ? p.o. box 5928 ? greenville, sc 29606 (864) 963-6300 ? www.kemet.com f3 093_r46_x2_275_110c ? 6/9/2016 3 dimensions C millimeters h p ll d l b front view side view l b h 8 2 35 +0/-5 d loose insulated rigid leads front view side view l b h 8 2 150 5 d insulated flexible leads 0.5 mm 2 front view side view p b h l d nominal tolerance nominal tolerance nominal tolerance nominal tolerance nominal tolerance 10.0 +/-0.4 +0.2 +0.1 +0.2 +/-0.05 +/-0.4 +0.2 +0.1 +0.2 +/-0.05 +/-0.4 +0.2 +0.1 +0.2 +/-0.05 +/-0.4 +0.2 +0.1 +0.3 +/-0.05 +/-0.4 +0.2 +0.1 +0.3 +/-0.05 +/-0.4 +0.2 +0.1 +0.3 +/-0.05 +/-0.4 +0.2 +0.1 +0.5 +/-0.05 +/-0.4 +0.2 +0.1 +0.5 +/-0.05 +/-0.4 +0.2 +0.1 +0.5 +/-0.05 +/-0.4 +0.2 +0.1 +0.5 +/-0.05 +/-0.4 +0.2 +0.1 +0.5 +/-0.05 +/-0.4 +0.2 +0.1 +0.5 +/-0.05 +/-0.4 +0.2 +0.1 +0.5 +/-0.05 +/-0.4 +0.2 +0.1 +0.3 +/-0.05 +/-0.4 +0.2 +0.1 +0.3 +/-0.05 +/-0.4 +0.2 +0.1 +0.3 +/-0.05 +/-0.4 +0.2 +0.1 +0.3 +/-0.05 +/-0.4 +0.2 +0.1 +0.3 +/-0.05 +/-0.4 +0.2 +0.1 +0.3 +/-0.05 +/-0.4 +0.2 +0.1 +0.3 +/-0.05 +/-0.4 +0.2 +0.1 +0.3 +/-0.05 +/-0.4 +0.2 +0.1 +0.3 +/-0.05 +/-0.4 +0.2 +0.1 +0.3 +/-0.05 +/-0.4 +0.2 +0.1 +0.3 +/-0.05 note: see ordering options table for lead length (ll/h 0 ) options. metallized polypropylene film emi suppression capacitors r46 series, class x2, 275 vac, 110oc
? kemet electronics corporation ? p.o. box 5928 ? greenville, sc 29606 (864) 963-6300 ? www.kemet.com f3 093_r46_x2_275_110c ? 6/9/2016 4 dimensions C millimeters cont'd h p ll d l b front view side view l b h 8 2 35 +0/-5 d loose insulated rigid leads front view side view l b h 8 2 150 5 d insulated flexible leads 0.5 mm 2 front view side view p b h l d nominal tolerance nominal tolerance nominal tolerance nominal tolerance nominal tolerance 37.5 +/-0.4 +0.3 +0.1 +0.3 +/-0.05 +/-0.4 +0.3 +0.1 +0.3 +/-0.05 +/-0.4 +0.3 +0.1 +0.3 +/-0.05 +/-0.4 +0.3 +0.1 +0.3 +/-0.05 +/-0.4 +0.3 +0.1 +0.3 +/-0.05 +/-0.4 +0.3 +0.1 +0.3 +/-0.05 +/-0.4 +0.3 +0.1 +0.3 +/-0.05 note: see ordering options table for lead length (ll/h 0 ) options. metallized polypropylene film emi suppression capacitors r46 series, class x2, 275 vac, 110oc
? kemet electronics corporation ? p.o. box 5928 ? greenville, sc 29606 (864) 963-6300 ? www.kemet.com f3 093_r46_x2_275_110c ? 6/9/2016 5 performance characteristics dielectric polypropylene flm plates metal layer deposited by evaporation under vacuum winding non-inductive type leads tinned wire protection plastic case, thermosetting resin flled. box material is solvent resistant and fame retardant according to ul94. related documents iec 60384-14, en 60384-14 rated voltage (v r ) 275 vac (50/60 hz), 560 vdc capacitance range 0.010 f to 10 f capacitance values e6 series (iec 60063) measured @ 1 khz and +20 1c capacitance tolerance 10%, 20% temperature range ?40oc to +110c climatic category 40/110/56 iec 60068-1 storage conditions storage time: 24 months from the date marked on the label package average relative humidity per year 70% r h 85% for 30 days randomly distributed throughout the year dew is absent temperature: ?40 to 80c (see "maximum humidity in storage conditions" graph below) approvals enec, ul, cul, cqc metallized polypropylene film emi suppression capacitors r46 series, class x2, 275 vac, 110oc
? kemet electronics corporation ? p.o. box 5928 ? greenville, sc 29606 (864) 963-6300 ? www.kemet.com f3 093_r46_x2_275_110c ? 6/9/2016 6 performance characteristics cont'd * typical value impedance graph dissipation factor (tan) 0.1% (0.06%*) @ 1 khz , +25c 5c (* typical value) test voltage between terminals the 100% screening factory test is carried out at 2,200 vdc/1,500 vac. the voltage level is selected to meet the requirements in applicable equipment standards. all electrical characteristics are checked after the test. it is not permitted to repeat this test as there is a risk to damage the capacitor. kemet is not liable in such case for any failures. insulation resistance measured at +25c 5c, according to iec 60384C2 minimum values between terminals voltage charge voltage charge time c 0.33 f c > 0.33 f 100 vdc 1 minute 1 ? 10 5 m ( 5 ? 10 m )* 30,000 m ? f ( 150,000 m ? f )* recommended voltage 560 vdc metallized polypropylene film emi suppression capacitors r46 series, class x2, 275 vac, 110oc
? kemet electronics corporation ? p.o. box 5928 ? greenville, sc 29606 (864) 963-6300 ? www.kemet.com f3 093_r46_x2_275_110c ? 6/9/2016 7 environmental test data test iec publication procedure endurance en/iec 60384C14 1.25 x v r vac 50 hz, once every hour increase to 1,000 vac for 0.1 second, 1,000 hours at upper rated temperature vibration iec 60068C2C6 test fc 3 directions at 2 hours each 10 C 55 hz at 0.75 mm or 98 m/s 2 bump iec 60068C2C29 test eb 1,000 bumps at 390 m/s 2 change of temperature iec 60068C2C14 test na upper and lower rated temperature 5 cycles active flammability iec 60384C14 v r + 20 surge pulses at 2.5 kv (pulse every 5 seconds) p assive flammability iec 60384C14 iec 60384C1, iec 60695C11C5 needle fame test damp heat steady state iec 60068C2C78 test cab +40c and 93% rh, 56 days approvals mark specifcation file number en/iec 60384-14 v4413 ul 60384-14 and can/csa e60384-14 (310vac) e97797 iec 60384-14 cqc08001026549 cqc11001060118 cqc13001087757 cqc14001116028 cqc13001101266 cqc14001116000 environmental compliance all kemet emi capacitors are rohs compliant. metallized polypropylene film emi suppression capacitors r46 series, class x2, 275 vac, 110oc
? kemet electronics corporation ? p.o. box 5928 ? greenville, sc 29606 (864) 963-6300 ? www.kemet.com f3 093_r46_x2_275_110c ? 6/9/2016 8 table 1 C ratings & part number reference capacitance value (f) dimensions in mm lead spacing (p) dv/dt (v/s) new kemet part number legacy part number b h l 0.010 4.0 9.0 13.0 10.0 500 46kf2100(1)n0(2) r46kf2100(1)n0(2) 0.015 4.0 9.0 13.0 10.0 500 46kf2150(1)n0(2) r46kf2150(1)n0(2) 0.022 4.0 9.0 13.0 10.0 500 46kf2220(1)n0(2) r46kf2220(1)n0(2) 0.033 5.0 11.0 13.0 10.0 500 46kf2330(1)m1(2) r46kf2330(1)m1(2) 0.047 5.0 11.0 13.0 10.0 500 46kf2470(1)n0(2) r46kf2470(1)n0(2) 0.068 6.0 12.0 13.0 10.0 500 46kf2680(1)m1(2) r46kf2680(1)m1(2) 0.10 6.0 12.0 13.0 10.0 500 46kf3100(1)m1(3) r46kf3100(1)m1(3) 0.010 5.0 11.0 18.0 15.0 400 46ki 2100(1)01(2) r46ki 2100(1)01(2) 0.015 5.0 11.0 18.0 15.0 400 46ki 2150(1)01(2) r46ki 2150(1)01(2) 0.022 5.0 11.0 18.0 15.0 400 46ki 2220(1)01(2) r46ki 2220(1)01(2) 0.033 5.0 11.0 18.0 15.0 400 46ki 2330(1)01(2) r46ki 2330(1)01(2) 0.047 5.0 11.0 18.0 15.0 400 46ki 2470(1)01(2) r46ki 2470(1)01(2) 0.068 5.0 11.0 18.0 15.0 400 46ki 2680(1)01(2) r46ki 2680(1)01(2) 0.10 5.0 11.0 18.0 15.0 400 46ki 3100(1)m1(2) r46ki 3100(1)m1(2) 0.15 6.0 12.0 18.0 15.0 400 46ki 3150(1)m2(2) r46ki 3150(1)m2(2) 0.15 9.0 12.5 18.0 15.0 400 46ki 3150(1)l2(2) r46ki 3150(1)l2(2) 0.22 7.5 13.5 18.0 15.0 400 46ki 3220(1)m2(2) r46ki 3220(1)m2(2) 0.22 9.0 12.5 18.0 15.0 400 46ki 3220(1)l2(2) r46ki 3220(1)l2(2) 0.22 6.0 17.5 18.0 15.0 400 46ki 3220(1)02(2) r46ki 3220(1)02(2) 0.33 8.5 14.5 18.0 15.0 400 46ki 3330(1)n0(2) r46ki 3330(1)n0(2) 0.33 10.0 16.0 18.0 15.0 400 46ki 3330(1)m1(2) r46ki 3330(1)m1(2) 0.33 9.0 12.5 18.0 15.0 400 46ki 3330(1)n1(3) r46ki 3330(1)n1(3) 0.33 7.5 18.5 18.0 15.0 400 46ki 3330(1)02(2) r46ki 3330(1)02(2) 0.33 13.0 12.0 18.0 15.0 400 46ki 3330(1)01(2) r46ki 3330(1)01(2) 0.47 7.5 18.5 18.0 15.0 400 46ki 3470(1)02(3) r46ki 3470(1)02(3) 0.47 10.0 16.0 18.0 15.0 400 46ki 3470(1)n0(3) r46ki 3470(1)n0(3) 0.47 11.0 19.0 18.0 15.0 400 46ki 3470(1)m1(2) r46ki 3470(1)m1(2) 0.56 11.0 19.0 18.0 15.0 400 46ki 3560(1)n0(2) r46ki 3560(1)n0(2) 0.60 11.0 19.0 18.0 15.0 400 46ki 3600(1)n0(2) r46ki 3600(1)n0(2) 0.15 6.0 15.0 26.5 22.5 200 46kn3150(1)01(2) r46kn3150(1)01(2) 0.22 6.0 15.0 26.5 22.5 200 46kn3220(1)m1(2) r46kn3220(1)m1(2) 0.33 6.0 15.0 26.5 22.5 200 46kn3330(1)n0(2) r46kn3330(1)n0(2) 0.47 7.0 16.0 26.5 22.5 200 46kn3470(1)n0(2) r46kn3470(1)n0(2) 0.68 10.0 18.5 26.5 22.5 200 46kn3680(1)m2(2) r46kn3680(1)m2(2) 1.00 10.0 18.5 26.5 22.5 200 46kn4100(1)n2(3) r46kn4100(1)n2(3) 1.00 11.0 20.0 26.5 22.5 200 46kn4100(1)n1(2) r46kn4100(1)n1(2) 0.47 9.0 17.0 32.0 27.5 150 46kr3470(1)01(2) r46kr3470(1)01(2) 0.68 9.0 17.0 32.0 27.5 150 46kr3680(1)m1(2) r46kr3680(1)m1(2) 1.0 11.0 20.0 32.0 27.5 150 46kr4100(1)m1(2) r46kr4100(1)m1(2) 1.5 13.0 22.0 32.0 27.5 150 46kr4150(1)m1(2) r46kr4150(1)m1(2) 2.2 13.0 25.0 32.0 27.5 150 46kr4220(1)m2(2) r46kr4220(1)m2(2) 2.2 14.0 28.0 32.0 27.5 150 46kr4220(1)m1(2) r46kr4220(1)m1(2) 3.3 18.0 33.0 32.0 27.5 150 46kr4330(1)m2(2) r46kr4330(1)m2(2) 4.7 18.0 33.0 32.0 27.5 150 46kr4470(1)m2(2) r46kr4470(1)m2(2) 4.7 22.0 37.0 32.0 27.5 150 46kr4470(1)m1(2) r46kr4470(1)m1(2) 1.5 11.0 22.0 41.5 37.5 100 46kw4150(1)m1(2) r46kw4150(1)m1(2) 2.2 11.0 22.0 41.5 37.5 100 46kw4220(1)m2(3) r46kw4220(1)m2(3) 2.2 13.0 24.0 41.5 37.5 100 46kw4220(1)m1(2) r46kw4220(1)m1(2) 3.3 16.0 28.5 41 .5 37.5 100 46kw4330(1)m1(2) r46kw4330(1)m1(2) 4.7 16.0 28.5 41.5 37.5 100 46kw4470(1)m2(3) r46kw4470(1)m2(3) 4.7 19.0 32.0 41.5 37.5 100 46kw4470(1)m1(2) r46kw4470(1)m1(2) 6.8 20.0 40.0 41.5 37.5 100 46kw4680(1)m2(2) r46kw4680(1)m2(2) 6.8 24.0 44.0 41.5 37.5 100 46kw4680(1)m1(2) r46kw4680(1)m1(2) 10.0 30.0 45.0 41.5 37.5 100 46kw5100(1)m1(2) r46kw5100(1)m1(2) capacitance value (f) b (mm) h (mm) l (mm) lead spacing (p) dv/dt (v/s) new kemet part number legacy part number (1) insert lead and packaging code. see ordering options table for available options. (2) m = 20%, k = 10% (3) m = 20% (only available tolerance). metallized polypropylene film emi suppression capacitors r46 series, class x2, 275 vac, 110oc
? kemet electronics corporation ? p.o. box 5928 ? greenville, sc 29606 (864) 963-6300 ? www.kemet.com f3 093_r46_x2_275_110c ? 6/9/2016 9 manual soldering recommendations following is the recommendation for manual soldering with a soldering iron. the soldering iron tip temperature should be set at 350c (+10c maximum) with the soldering duration not to exceed more than 3 seconds. recommended soldering temperature 0 50 100 150 200 250 300 350 400 0 1 2 3 4 5 6 7 8 soldering time (sec) soldering iron bit temperature (deg c) soldering process the implementation of the rohs directive has resulted in the selection of snagcu (sac) alloys or sncu alloys as primary solder. this has increased the liquidus temperature from that of 183oc for snpb eutectic alloy to 217 C 221oc for the new alloys. as a result, the heat stress to the components, even in wave soldering, has increased considerably due to higher pre-heat and wave temperatures. polypropyle ne capacitors are especially sensitive to heat (the melting point of polypropylene is 160 C 170oc). wave soldering can be destructive, especially for mechanically small polypropylene capacitors (with lead spacing of 5 mm to 15 mm), and great care has to be taken during sol dering. the recommended solder profles from kemet should be used. please consult kemet with any questions. in general, the wave soldering curve from iec publication 61760-1 edition 2 serves as a solid guideline for successful soldering. please see figure 1. refow soldering is not recommended for through-hole flm capacitors. exposing capacitors to a soldering profle in excess of the above the recommended limits may result to degradation or permanent damage to the capacitors. do not place the polypropylene capacitor through an adhesive curing oven to cure resin for surface mount components. insert through- hole parts after the curing of surface mount parts. consult kemet to discuss the actual temperature profle in the oven, if through-hole components must pass through the adhesive curing process. a maximum two soldering cycles is recommended. please allow time for the capacitor surface temperature to return to a normal temperature before the second soldering cycle. wave soldering recommendations 0 50 100 150 200 250 300 0 40 80 120 160 200 240 temperature ( c) time (s) ca 2 c/s ca 3.5 c/s typical ca 5 c/s cooling 2+3s max 115 c max t preheat t <150 c 100 c preheating typical first wave second wave 260 c metallized polypropylene film emi suppression capacitors r46 series, class x2, 275 vac, 110oc
? kemet electronics corporation ? p.o. box 5928 ? greenville, sc 29606 (864) 963-6300 ? www.kemet.com f3 093_r46_x2_275_110c ? 6/9/2016 10 soldering process cont'd wave soldering recommendations cont'd 1. the table indicates the maximum set-up temperature of the soldering process figure 1 dielectric film material maximum preheat temperature maximum peak soldering temperature capacitor pitch 10 mm capacitor pitch = 15 mm capacitor pitch > 15 mm capacitor pitch 15 mm capacitor pitch > 15 mm polyester 130c 130c 130c 270c 270c polypropylene 100c 110c 130c 260c 270c paper 130c 130c 140c 270c 270c polyphenylene sulphide 150c 150c 160c 270c 270c 2. the maximum temperature measured inside the capacitor: s et the temperature so that inside the element the maximum temperature is below the limit: dielectric film material maximum temperature measured inside the element polyester 160c polypropylene 110c paper 160c polyphenylene sulphide 160c temperature monitored inside the capacitor. selective soldering recommendations selective dip soldering is a variation of refow soldering. in this method, the printed circuit board with through-hole components to be soldered is preheated and transported over the solder bath as in normal fow soldering without touching the solder. when the board is over the bath, it is stopped and pre-designed solder pots are lifted from the bath with molten solder only at the places of the selected components, and pressed against the lower surface of the board to solder the components. the temperature profle for selective soldering is similar to the double wave fow soldering outlined in this document, however , instead of two baths, there is only one bath with a time from 3 to 10 seconds. in selective soldering, the risk of overheating is greater than in double wave fow soldering, and great care must be taken so that the parts are not overheated. metallized polypropylene film emi suppression capacitors r46 series, class x2, 275 vac, 110oc
? kemet electronics corporation ? p.o. box 5928 ? greenville, sc 29606 (864) 963-6300 ? www.kemet.com f3 093_r46_x2_275_110c ? 6/9/2016 11 construction detailed cross section self-extinguishing resin molded plastic case molded plastic case leads metal contact layer metal contact layer margin single-sided metallized polypropylene film (second layer) single-sided metallized polypropylene film (first layer) margin margin single-sided metallized polypropylene film film winding scheme options 1 section single-sided metallized polypropylene film single-sided metallized polypropylene film single-sided metallized polypropylene film single-sided metallized polypropylene film 2 sections 3 sections 4 sections single-sided metallized polypropylene film polypropylene film dielectric 1 section double-sided metallized polyester film 3 sections double-sided metallized polyester carrier film polypropylene film dielectric double-sided metallized polyester carrier film 2 sections polypropylene film dielectric double-sided metallized polyester carrier film single-sided metallized polypropylene film 4 sections polypropylene film dielectric double-sided metallized polyester carrier film polypropylene film dielectric 1 section polypropylene film/foil 2 sections metal foil metal foil single-sided metallized polypropylene film polypropylene film dielectric metallized polyphenylene sulfide film with vacuum-evaporated aluminum electrodes 1 section metallized polyphenylene sulfide film (smr) metallized impregnated paper 1 section metallized impregnated paper single-sided metallized polyester film 1 section single-sided metallized polyester film polypropylene film dielectric 1 section axial - polypropylene film/foil 2 sections metal foil single-sided metallized polypropylene film polypropylene film dielectric metal foil single-sided metallized polypropylene film 2 sections polypropylene film dielectric double-sided metallized polyester carrier film single-sided metallized polypropylene film 1 section axial - single-sided metallized polypropylene film single-sided metallized polyester film 1 section axial - single-sided metallized polyester film axial - double-sided metallized polyester film winding scheme metallized polypropylene film emi suppression capacitors r46 series, class x2, 275 vac, 110oc
? kemet electronics corporation ? p.o. box 5928 ? greenville, sc 29606 (864) 963-6300 ? www.kemet.com f3 093_r46_x2_275_110c ? 6/9/2016 12 marking iec climatic category approval marks top front lead spacing 10 mm manufacturer?s logo manufacturing plant iec climatic category approval marks top front series capacitance, capacitance tolerance, rated voltage manufacturing plant lead spacing 22.5 mm (large case sizes), 27.5 mm, 37.5 mm manufacturer?s logo dielectric code safety class self healing passive flammability category date code qa number capacitance tolerance date code capacitance, rated voltage series, dielectric code, safety class, self healing iec climatic category approval marks top front lead spacing 15 mm, 22.5 mm (small case sizes) manufacturer?s logo passive flammability category manufacturing plant capacitance tolerance date code capacitance, rated voltage series, dielectric code, safety class, self healing passive flammability category: b for volume 1750 mm 3 c for volume < 1750 mm 3 metallized polypropylene film emi suppression capacitors r46 series, class x2, 275 vac, 110oc
? kemet electronics corporation ? p.o. box 5928 ? greenville, sc 29606 (864) 963-6300 ? www.kemet.com f3 093_r46_x2_275_110c ? 6/9/2016 13 marking cont'd iec climatic category approval marks top front lead spacing 10 mm manufacturer?s logo manufacturing plant iec climatic category approval marks top front series capacitance, capacitance tolerance, rated voltage manufacturing plant lead spacing 22.5 mm (large case sizes), 27.5 mm, 37.5 mm manufacturer?s logo dielectric code safety class self healing passive flammability category date code qa number capacitance tolerance date code capacitance, rated voltage series, dielectric code, safety class, self healing iec climatic category approval marks top front lead spacing 15 mm, 22.5 mm (small case sizes) manufacturer?s logo passive flammability category manufacturing plant capacitance tolerance date code capacitance, rated voltage series, dielectric code, safety class, self healing passive flammability category: b for volume 1750 mm 3 c for volume < 1750 mm 3 0dqxidfwxulqj'dwh&rgh ,(& y = year, z = month year code month code metallized polypropylene film emi suppression capacitors r46 series, class x2, 275 vac, 110oc
? kemet electronics corporation ? p.o. box 5928 ? greenville, sc 29606 (864) 963-6300 ? www.kemet.com f3 093_r46_x2_275_110c ? 6/9/2016 14 packaging quantities lead spacing (mm) thickness (mm) height (mm) length (mm) bulk short leads bulk long leads standard reel ? 355 mm large reel ? 500 mm ammo taped 10 4 9 13 2000 1800 750 1500 1000 5 11 13 1300 1500 600 1250 800 6 12 13 1000 1200 500 1000 680 5 11 18 2000 1000 600 1250 800 6 12 18 1750 900 500 1000 680 6 17.5 18 1000 700 500 1000 680 7.5 13.5 18 1000 700 350 800 500 7.5 18.5 18 900 500 C 800 500 8.5 14.5 18 1000 500 300 700 440 9 12.5 18 1000 520 270 650 410 10 16 18 750 500 300 600 380 11 19 18 450 350 C 500 340 13 12 18 750 490 200 480 280 6 15 26.5 805 500 C 700 464 7 16 26.5 700 500 C 550 380 10 18.5 26.5 396 300 C 350 235 11 20 26.5 360 250 C 350 217 9 17 32 816 408 C 450 C 11 20 32 560 336 C 350 C 13 22 32 480 288 C 300 C 13 25 32 480 288 C C C 14 28 32 352 176 C C C 18 33 32 256 128 C C C 22 37 32 168 112 C C C 11 22 41.5 420 252 C C C 13 24 41.5 360 216 C C C 16 28.5 41.5 216 108 C C C 19 32 41.5 192 96 C C C 20 40 41.5 126 84 C C C 24 44 41.5 108 72 C C C 30 45 41.5 90 60 C C C metallized polypropylene film emi suppression capacitors r46 series, class x2, 275 vac, 110oc
? kemet electronics corporation ? p.o. box 5928 ? greenville, sc 29606 (864) 963-6300 ? www.kemet.com f3 093_r46_x2_275_110c ? 6/9/2016 15 lead taping & packaging (iec 60286C2) taping specif cation description symbol dimensions (mm) lead space tol. 10 15 22.5 27.5 fig. 1 fig. 2 fig. 3 fig. 3 lead wire diameter d 0.6 0.6-0.8 0.8 0.8 0.05 taping lead space p 25.4 25.4 38.1 38.1 1 feed hole lead space * p 0 12.7 12.7 12.7 12.7 0.2 ** centering of the lead wire p 1 7.7 5.2 7.8 5.3 0.7 centering of the body p 2 12.7 12.7 19.05 19.05 1.3 lead spacing (pitch) *** f 10 15 22.5 27.5 +0.6/-0.1 component alignment ?h 0 0 0 0 2 height of component from tape center h 0 **** 18.5 18.5 18.5 18.5 0.5 carrier tape width w 18 18 18 18 +1 / -0.5 hold down tape width w 0 9 10 10 10 minimum hole position w 1 9 9 9 9 0.5 hold down tape position w 2 3 3 3 3 maximum feed hole diameter d 0 4 4 4 4 0.2 tape thickness t 0.7 0.7 0.7 0.7 0.2 * also available in 15 mm. ** max 1 mm on 20 lead spaces. *** pitches 15 mm and 10 mm taped to 7.5 mm (crimped leads) available upon request. **** h 0 = 16.5 mm available upon request. p p 2 p 0 f h 0 w h p 1 d 0 w 2 w 1 w 0 h ?d t p p 2 p 1 metallized polypropylene film emi suppression capacitors r46 series, class x2, 275 vac, 110oc figure 1 lead spacing 10 mm figure 2 lead spacing 15 mm figure 3 lead spacing 22.5 ? 27.5 mm
? kemet electronics corporation ? p.o. box 5928 ? greenville, sc 29606 (864) 963-6300 ? www.kemet.com f3 093_r46_x2_275_110c ? 6/9/2016 16 lead taping & packaging (iec 60286C2) cont'd ammo specif cations dimensions (mm) h w 360 340 59 reel specif cations reel size dimensions (mm) standard 355 30 55 maximum large 500 25 metallized polypropylene film emi suppression capacitors r46 series, class x2, 275 vac, 110oc d w h h t w
? kemet electronics corporation ? p.o. box 5928 ? greenville, sc 29606 (864) 963-6300 ? www.kemet.com f3 093_r46_x2_275_110c ? 6/9/2016 17 kemet corporation world headquarters 2835 kemet way simpsonville, sc 29681 mailing address: p.o. box 5928 greenville, sc 29606 www.kemet.com tel: 864-963-6300 fax: 864-963-6521 corporate off ces fort lauderdale, fl tel: 954-766-2800 north america northeast wilmington, ma tel: 978-658-1663 southeast lake mary, fl tel: 407-855-8886 central novi, mi tel: 248-994-1030 irving, tx tel: 972-915-6041 west milpitas, ca tel: 408-433-9950 mexico guadalajara, jalisco tel: 52-33-3123-2141 europe southern europe sasso marconi, italy tel: 39-051-939111 skopje, macedonia tel: 389-2-55-14-623 central europe landsberg, germany tel: 49-8191-3350800 kamen, germany tel: 49-2307-438110 northern europe wyboston, united kingdom tel: 44-1480-273082 espoo, finland tel: 358-9-5406-5000 asia northeast asia hong kong tel: 852-2305-1168 shenzhen, china tel: 86-755-2518-1306 beijing, china tel: 86-10-5877-1075 shanghai, china tel: 86-21-6447-0707 seoul, south korea tel: 82-2-6294-0550 taipei, taiwan tel: 886-2-27528585 southeast asia singapore tel: 65-6701-8033 penang, malaysia tel: 60-4-6430200 bangalore, india tel: 91-806-53-76817 note: kemet reserves the right to modify minor details of internal and external construction at any time in the interest of product improvement. kemet does not assume any responsibility for infringement that might result from the use of kemet capacitors in potential circuit designs. kemet is a registered trademark of kemet electronics corporation. metallized polypropylene film emi suppression capacitors r46 series, class x2, 275 vac, 110oc
? kemet electronics corporation ? p.o. box 5928 ? greenville, sc 29606 (864) 963-6300 ? www.kemet.com f3 093_r46_x2_275_110c ? 6/9/2016 18 disclaimer all product specif cations, statements, information and data (collectively, the information) in this datasheet are subject to change. the customer is responsible for checking and verifying the extent to which the information contained in this publication is applicable to an order at the time the order is placed. all information given herein is believed to be accurate and reliable, but it is presented without guarantee, warranty, or responsibility of any kind, expressed or implied. statements of suitability for certain applications are based on kemet electronics corporations (kemet) knowledge of typical operating conditions for such applications, but are not intended to constitute C and kemet specif cally disclaims C any warranty concerning suitability for a specif c customer application or use. the information is intended for use only by customers who have the requisite experience and capability to determine the correct products for their application. any technical advice inferred from this information or otherwise provided by kemet with reference to the use of kemets products is given gratis, and kemet assumes no obligation or liability for the advice given or results obtained. although kemet designs and manufactures its products to the most stringent quality and safety standards, given the current state of the art, isolated component failures may still occur. accordingly, customer applications which require a high degree of reliability or safety should employ suitable designs or other safeguards (such as installation of protective circuitry or redundancies) in order to ensure that the failure of an electrical component does not result in a risk of personal injury or property damage. although all productCrelated warnings, cautions and notes must be observed, the customer should not assume that all safety measures are indicted or that other measures may not be required. metallized polypropylene film emi suppression capacitors r46 series, class x2, 275 vac, 110oc


▲Up To Search▲   

 
Price & Availability of R46KR21000002K

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X